p4smaj5.0-lfr thru p4smaj188a-lfr page: 1 frontier electronics corp. 667 e. cochran street, simi valley, ca 93065 tel: (805) 522-9998 fax: (805) 522-9989 e-mail: frontiersales@frontierusa.com web: http://www.frontierusa.com 400w surface mount transient voltage suppressor p4smaj5.0-lfr thru p4smaj188a-lfr features z optimized for lan protection application z ideal for esd protection of data lines in accordance with iec 1000-4-2(iec801-2) z ideal for eft protection of data line in accordance with iec 1000-4-4(iec801-4) z excellent clamping capability z low incremental surge resistance z fast response time: typically less than 1.0 ps from 0 volts to v(br) min z 400 w peak pulse power capability with a 10/1000 s waveform , repetition rate (duty cycle): 0.01% z typical i d less than 1 a above 10v z high temperature soldering guaranteed: 250 c /10 seconds at terminal z rohs mechanical data z case: molded plastic, do-214ac (sma), dimensions in inches and (millimeters) z terminals: solder plated z polarity: indicated by cathode band z weight: 0.064 grams maximum ratings and electrical c haracteristics ratings at 25 c ambient temperature unless otherwise specified ratings symbol value units peak pulse power dissipation on 10/1000 s waveform (note 1, fig. 1) p ppm minimum 400 watts peak pulse current of 0n 10/1000 s waveform (note 1,fig. 3) i ppm see table 1 a steady state power dissipation at t l =75 (note 2) p m(av) 1.0 watts peak forward surge current, 8.3ms single half sine-wave superimposed on rated load, unidirectional only(note 3) i fsm 40 a maximum instantaneous forw ard voltage at 25.0a for unidirectional only (note 3 & 4) vf 3.5 v operating junction and stor age temperature range t j, t stg - 55 to + 150 c note : 1. non-repetitive current pulse, per fi g.3 and derated above ta=25c per fig 2. 2. mounted on 5.0 mm 2 copper pads to each terminal 3. lead temperature at 75 c =t l per fig. 5 4. measured on 8.3ms single half sine -wave. for unidirect ional devices only 5. peak pulse power waveform is 10/1000 u s .220(5.6) .192(4.9) .190(4.8) .157(4.0) .071(1.8) .035(0.9) .110(2.8) .090(2.3) .080(2.0) .100(2.6) .080(2.0) .065(1.65) .040(1.25) cathode .177(4.5) .071(1.8) .087(2.2) soldering pad
p4smaj5.0-lfr thru p4smaj188a-lfr page: 2 device marking code breakdown voltage v (br) (volts) at i t device uni bi working peak reverse voltage v wm (volts) min max test current i t (ma) maximum clamping voltage at i ppm vc(volts) (note 5) max peak pulse surge current i ppm (note 5) (amps) maximum reverse leakage at v wm i d ( a)
p4smaj5.0-lfr thru p4smaj188a-lfr page: 3 p4smaj5.0-lfr p4smaj5.0a-lf r p4smaj6.0-lfr p4smaj6.0a-lf r p4smaj6.5-lfr p4smaj6.5a-lf r p4smaj7.0-lfr p4smaj7.0a-lf r p4smaj7.5-lfr p4smaj7.5a-lf r p4smaj8.0-lfr p4smaj8.0a-lf r p4smaj8.5-lfr p4smaj8.5a-lf r p4smaj9.0-lfr p4smaj9.0a-lf r P4SMAJ10-LFR p4smaj10a-lfr p4smaj11-lfr p4smaj11a-lfr p4smaj12-lfr p4smaj12a-lfr p4smaj13-lfr p4smaj13a-lfr p4smaj14-lfr p4smaj14a-lfr p4smaj15-lfr p4smaj15a-lfr p4smaj16-lfr p4smaj16a-lfr p4smaj17-lfr p4smaj17a-lfr p4smaj18-lfr p4smaj18a-lfr p4smaj20-lfr p4smaj20a-lfr p4smaj22-lfr p4smaj22a-lfr p4smaj24-lfr p4smaj24a-lfr p4smaj26-lfr p4smaj26a-lfr p4smaj28-lfr p4smaj28a-lfr p4smaj30-lfr p4smaj30a-lfr p4smaj33-lfr p4smaj33a-lfr p4smaj36-lfr p4smaj36a-lfr p4smaj40-lfr p4smaj40a-lfr p4smaj43-lfr p4smaj43a-lfr p4smaj45-lfr p4smaj45a-lfr p4smaj48-lfr p4smaj48a-lfr ad ae af ag ah ak al am an ap aq ar as at au av aw ax ay az bd be bf bg bh bk bl bm bn bp bq br bs bt bu bv bw bx by bz cd ce cf cg ch ck cl cm cn cp cq cr cs ct cu cv cw cx wd we wf wg wh wk wl wm wn wp wq wr ws wt wu wv ww wx wy wz xd xe xf xg xh xk xl xm xn xp xq xr xs xt xu xv xw xx xy xz yd ye yf yg yh yk yl ym yn yp yq yr ys yt yu yv yw yx 5.0 5.0 6.0 6.0 6.5 6.5 7.0 7.0 7.5 7.5 8.0 8.0 8.5 8.5 9.0 9.0 10.0 10.0 11.0 11.0 12.0 12.0 13.0 13.0 14.0 14.0 15.0 15.0 16.0 16.0 17.0 17.0 18.0 18.0 20.0 20.0 22.0 22.0 24.0 24.0 26.0 26.0 28.0 28.0 30.0 30.0 33.0 33.0 36.0 36.0 40.0 40.0 43.0 43.0 45.0 45 48 48 6.40 6.40 6.67 6.67 7.22 7.22 7.78 7.78 8.33 8.33 8.89 8.89 9.44 9.44 10.0 10.0 11.1 11.1 12.2 12.2 13.3 13.3 14.4 14.4 15.6 15.6 16.7 16.7 17.8 17.8 18.9 18.9 20.0 20.0 22.2 22.2 24.4 24.4 26.7 26.7 28.9 28.9 31.1 31.1 33.3 33.3 36.7 36.7 40.0 40.0 44.4 44.4 47.8 47.8 50.0 50.0 53.3 53.3 7.82 7.07 8.15 7.37 8.82 7.98 9.51 8.60 10.3 9.21 10.9 9.83 11.5 10.4 12.2 11.1 13.6 12.3 14.9 13.5 16.3 14.7 17.6 15.9 19.1 17.2 20.4 18.5 21.8 19.7 23.1 20.9 24.4 22.1 27.1 24.5 29.8 26.9 32.6 29.5 35.3 31.9 38.0 34.4 40.7 36.8 44.9 40.6 48.9 44.2 54.3 49.1 58.4 52.8 61.1 55.3 65.1 58.9 10 10 10 10 10 10 10 10 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 9.6 9.2 11.4 10.3 12.3 11.2 13.3 12.0 14.3 12.9 15.0 13.6 15.9 14.4 16.9 15.4 18.8 17.0 20.1 18.2 22.0 19.9 23.8 21.5 25.8 23.2 26.9 24.4 28.8 26.0 30.5 27.6 32.2 29.2 35.8 32.4 39.4 35.5 43.0 38.9 46.6 42.1 50.1 45.4 53.5 48.4 59.0 53.3 64.3 58.1 71.4 64.5 76.7 69.4 80.3 72.7 85.5 77.4 41.7 43.5 35.1 38.8 32.5 35.7 30.1 33.3 28.0 31.0 26.7 29.4 25.2 27.8 23.7 26.0 21.3 23.5 19.9 22.0 18.2 20.1 16.8 18.6 15.5 17.2 14.9 16.4 13.9 15.4 13.1 14.5 12.4 13.7 11.2 12.3 10.2 11.3 9.3 10.3 8.6 9.5 8.0 8.8 7.5 8.3 6.8 7.5 6.2 6.9 5.6 6.2 5.2 5.8 5.0 5.5 4.7 5.2 800 800 800 800 500 500 200 200 100 100 50.0 50.0 10.0 10.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0
p4smaj5.0-lfr thru p4smaj188a-lfr page: 4 device marking code breakdown voltage v (br) (volts) at i t device uni bi working peak reverse voltage v wm (volts) min max test current i t (ma) maximum clamping voltage at i ppm vc(volts) (note 5) max peak pulse surge current i ppm (note 5) (amps) maximum reverse leakage at v wm i d ( a) p4smaj51-lfr p4smaj51a-lfr p4smaj54-lfr p4smaj54a-lfr p4smaj58-lfr p4smaj58a-lfr p4smaj60-lfr p4smaj60a-lfr p4smaj64-lfr p4smaj64a-lfr p4smaj70-lfr p4smaj70a-lfr p4smaj75-lfr p4smaj75a-lfr p4smaj78-lfr p4smaj78a-lfr p4smaj85-lfr p4smaj85a-lfr p4smaj90-lfr p4smaj90a -lfr p4smaj100-lfr p4smaj100a-lfr p4smaj110-lfr p4smaj110a-lfr p4smaj120-lfr p4smaj120a-lfr p4smaj130-lfr p4smaj130a-lfr p4smaj150-lfr p4smaj150a-lfr p4smaj160-lfr p4smaj160a-lfr p4smaj170-lfr p4smaj170a-lfr p4smaj188-lfr p4smaj188a-lfr cy cz rd re rf rg rh rk rl rm rn rp rq rr rs rt ru rv rw rx ry rz sd se sf sg sh sk sl sm sn sp sq sr st ss yy yz zd ze zf zg zh zk zl zm zn zp zq zr zs zt zu zv zw zx zy zz vd ve vf vg vh vk vl vm vn vp vq vr vt vs 51 51 54 54 58 58 60 60 64 64 70 70 75 75 78 78 85 85 90 90 100 100 110 110 120 120 130 130 150 150 160 160 170 170 188 188 56.7 56.7 60.0 60.0 64.4 64.4 66.7 66.7 71.1 71.1 77.8 77.8 83.3 83.3 86.7 86.7 94.4 94.4 100 100 111 111 122 122 133 133 144 144 167 167 178 178 189 189 209 209 69.3 62.7 73.3 66.3 78.7 71.2 81.5 73.7 86.4 78.6 95.1 86.0 102.0 92.1 106.0 95.8 115.0 104.0 122.0 111.0 136.0 123.0 149.0 135.0 163.0 147.0 176.0 159.0 204.0 185.0 218.0 197.0 231.0 209.0 255.0 231.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 91.1 82.4 96.3 87.1 103.0 93.6 107.0 96.8 114.0 103.0 125.0 113.0 134.0 121.0 139.0 126.0 151.0 137.0 160.0 146.0 179.0 162.0 196.0 177.0 214.0 193.0 231.0 209.0 268.0 243.0 287.0 259.0 304.0 275.0 344.0 328.0 4.4 4.9 4.2 4.6 3.9 4.3 3.7 4.1 3.5 3.9 3.2 3.5 3.0 3.3 2.9 3.2 2.6 2.9 2.5 2.7 2.2 2.5 2.0 2.3 1.9 2.1 1.7 1.9 1.5 1.6 1.4 1.5 1.3 1.4 1.1 1.2 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 note: 1. vf=3.5v at if=25a on ? square or equivalent sine wave. pw = 8.3ms , duty cycle = 4 pulses per minute maximum 2. for bipolar types with vr of 10 volts and under , the ir limit is doubled 3. mounted on 5.0mm 2 copper pads to each terminal. 4. for bidirectional use c suffix for 10% tolerance , ca suffix for 5% tolerance
p4smaj5.0-lfr thru p4smaj188a-lfr page: 5 ratings and characteristic curves p4smaj5.0-lfr thru p4smaj188a-lfr fig. 6 - maximum non-repetitive peak forward surge current unidirectional only 50 40 30 20 10 0 i fsm peak forward surge current amperes 1 1 0 1 00 number of cycles at 60h z 8.3ms single half sine-wave (jedec method) t j =t j max. 150 100 50 0 fig. 3 - pulse waveform i ppm , peak pulse current, % 0 1.0 2.0 3.0 4.0 t, time,ms pulse width (td) is defined as the point where the peak current decays to 50% of i pp 10/1000usec. waveform as defined by r.e.a. half value ipp 2 peak value i ppm tr =10usec. td fig. 1 - peak pulse power rating curve 100 10 1.0 0.1 p ppm, peak pulse power, kw non-repetitive pulse waveform shown in fig. 3 t a =25 0.1 us 1.0 us 10 us 100 us 1.0 ms 10 ms td, pulse width, sec mounted on 5mm5mm copper pads fig. 5 - steady state power derating curve 1.00 0.75 0.50 0.25 0 pm( av ), steady state power dissipation ,watts 0 25 50 75 100 125 150 175 200 t l , lead temperature, 60h z resistive or inductive load mounted on 5mm5mm copper pads fig. 4 - typical junction capacitance 10,000 1,000 100 10 c j , junction capacitance , p f 1.0 10 100 200 v( br ), breakdown voltage, volts bi-directional measured at stand -off voltage , vwm t j =25 f=1.0 mh z vsig=50mvp-p uni-directional fig. 2 - pulse derating curve 100 75 50 25 0 peak pulse power (p pp ) or current (i pp ) derating in percentage,% 0 25 50 75 100 125 150 175 200 ta, ambient temperature, mounted on 5mm5mm copper pads
|